PART |
Description |
Maker |
ADC08D500CIYB ADC08D500EVAL |
High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter 高性能,低功耗,位,500 MSPS的A / D转换
|
Analog Devices, Inc.
|
EPC1197-1 EPC1197-2 EPC1197-3 EPC1197-6 EPC1197-4 |
500 mW DC/DC Converter
|
PCA ELECTRONICS INC.
|
5501 5502 |
Frequency-to-Voltage Converter Voltage-to-Frequency Converter 500 kHz Bandwitch Analog Data Link Modulator / Demodulator
|
Dynamic Measurements Corp.
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
HI1276AIL HI1276 HI1276-EV |
8-Bit, 500 MSPS, Flash A/D Converter
|
INTERSIL[Intersil Corporation]
|
CXA1276K |
8-BIT 500 MSPS FLASH A/D CONVERTER
|
SONY[Sony Corporation]
|
NCP5010 NCP5010FCT1G |
500 mW Boost Converter for White LEDs
|
ONSEMI[ON Semiconductor]
|
IB054E120T40P2-00 IB054E120T40P1-00 IB054E120T40N1 |
4:1 Intermediate Bus Converter Module: Up to 500 W Output
|
Vicor Corporation
|
IB054E096T48P3-00 IB054E096T48N3-00 IB054E096T48N2 |
5:1 Intermediate Bus Converter Module: Up to 500 W Output
|
Vicor Corporation
|
1N751A 1N755A 1N750A 1N757A 1N746A 1N749A 1N752A 1 |
500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,5.1V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,7.5V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,4.7V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,9.1V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,4.3V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,5.6V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,6.2V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,6.8V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,8.2V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,10V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,12V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,3.3V齐纳电压,玻璃齐纳稳压二极管) 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,3.9V齐纳电压,玻璃齐纳稳压二极管) 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
ON Semiconductor
|
AD7688 |
500 kSPS 16- BIT Differential PulSAR® A/D Converter in µSOIC/QFN
|
Analog Devices
|